PART |
Description |
Maker |
LT1058AMJ LT1058MJ LT1058ISW LT1058CN LT1058SW LT1 |
Dual and Quad, JFET Input Precision High Speed Op Amps Dual and Quad, JFET Input Precision High Speed Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C QUAD OP-AMP, 1800 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDIP14
|
Linear Technology, Corp.
|
IDT7016S20JB IDT7016S20PFB IDT7016S15G IDT7016S15P |
Quad Low-Power JFET-Input Operational Amplifier 14-PDIP 0 to 70 16K X 9 DUAL-PORT SRAM, 25 ns, PQCC68 HIGH-SPEED 16K x 9 DUAL-PORT STATIC RAM 16K X 9 DUAL-PORT SRAM, 35 ns, CPGA68 Low-Noise JFET-Input General-Purpose Operational Amplifier 8-SOIC -40 to 85 16K X 9 DUAL-PORT SRAM, 35 ns, PQFP80 Low-Noise JFET-Input Decompensated Operational Amplifier 8-SOIC -40 to 85 16K X 9 DUAL-PORT SRAM, 15 ns, PQFP80 Low-Power JFET-Input Quad Operational Amplifier 14-CFP -55 to 125 16K X 9 DUAL-PORT SRAM, 15 ns, CPGA68 Low-Noise JFET-Input General-Purpose Operational Amplifier 8-SOIC 0 to 70 16K X 9 DUAL-PORT SRAM, 20 ns, PQFP80 Low-Noise JFET-Input General-Purpose Operational Amplifier 8-SOIC 0 to 70 16K X 9 DUAL-PORT SRAM, 20 ns, PQCC68
|
Integrated Device Techn... Integrated Device Technology, Inc.
|
ADTL08207 ADTL082JR ADTL082JR-REEL ADTL082JR-REEL7 |
Low Cost JFET Input Dual Operational Amplifier Low Cost JFET Input Operational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: Industrial Low Cost JFET Input Operational Amplifiers Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Commercial QUAD OP-AMP, 10000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO14 Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Commercial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
LF347_D LF351D ON0290 LF353D LF353N LF347BN LF347N |
Quad Operational Amplifier, Internally Compensated, JFET Input FAMILY OF JFET OPERATIONAL AMPLIFIERS From old datasheet system OP-AMP, 13000 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO8
|
Motorola, Inc ONSEMI[ON Semiconductor] http:// MOTOROLA INC
|
M29F040B M295V040B-70N1R M295V040B-70K1R M295V040B |
4 Mbit 512Kb x8 / Uniform Block Single Supply Flash Memory Excalibur Low-Noise High-Speed JFET-Input Dual Operational Amplifier 8-SOIC CONNECTOR ACCESSORY Quad Low-Noise High-Speed JFET-Input Operational Amplifier 16-SOIC 4兆位512KB的8,统一座单电源闪存 KPT 2C 2#20 SKT PLUG 4兆位512KB的8,统一座单电源闪存 4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory 4兆位512KB的8,统一座单电源闪存 JFET-Input High Speed Low Noise Quad Operational Amplifier 20-LCCC -55 to 125 4兆位512KB的8,统一座单电源闪存 8-Pin DIP 1 Mbit/s Single-Channel High Speed Transistor Output Optocoupler No Base; Package: DIP-W; No of Pins: 8; Container: Bulk 4兆位512KB的8,统一座单电源闪存 512K X 8 FLASH 5V PROM, 70 ns, PDIP32
|
ST Microelectronics 意法半导 STMicroelectronics N.V. NUMONYX
|
74ABT08N 74ABT08 74ABT08PWDH 74ABT08D 74ABT08DB 74 |
Quad 2-input AND gate - Description: Quad 2-Input AND Gate ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -15/ 20 mA ; Propagation delay: 2.4 ns; Voltage: 4.5-5.5 V ABT SERIES, QUAD 2-INPUT AND GATE, PDSO14 Quad 2-input AND gate 输入与门 From old datasheet system Quad 2-input AND gate(输入与门)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
LO5022-471-RM LO5022-470-RM LO5022-101-RM LO5022-3 |
Surface Mount Power Inductors 0.2mV Prec Dual Voltage Comparator w/ Complementary Output Drivers, 16L CDIP, EPAD Enabled 1 ELEMENT, 100 uH, GENERAL PURPOSE INDUCTOR, SMD 0.2mV Prec Dual Voltage Comparator w/ Complementary Output Drivers, 16L SOIC, EPAD Enabled 1 ELEMENT, 3.3 uH, GENERAL PURPOSE INDUCTOR, SMD
|
http:// ICE Components, Inc.
|
AD868207 AD8682ARMZ-REEL AD8682ARZ-REEL7 AD8684ARU |
Dual/Quad Low Power, High Speed JFET Operational Amplifiers
|
Analog Devices
|
ACTS08MS ACTS08DMSR FN3994 ACTS08D ACTS08HMSR ACTS |
Radiation Hardened Quad 2-Input AND Gate 辐射加固输入与门 Radiation Hardened Quad 2-Input AND Gate ACT SERIES, QUAD 2-INPUT AND GATE, CDIP14 From old datasheet system AND Gate, 2-Input, Quad, TTL Inputs, Rad-Hard, Advanced Logic, CMOS
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
LT1113CS8 LT1113CN8 LT1113C |
Dual Low Noise/ Precision/ JFET Input Op Amps
|
LINEAR
|
LT1057A |
Dual JFET Input Precision, High Speed Op Amp
|
Linear
|